Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 7 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 7 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 3Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 4Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 5Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
www.geehy.com
Page 6
3.
Pin Information
Pin Distribution
Figure 1 Pin configuration diagram of QFN20
Figure 2 Pin configuration diagram of TSSOP20 and SOP20
NRST
OSCIN/PA1
OSCOUT/PA2
VSS
VCAP
1
2
3
4
5
6
7
8
9
10
15
14
13
12
11
PD1
PC7
PC6
PC5
PC4
16
17
18
19
20
QFN20
PD4
PD5
1
2
PD6
NRST
3
4
OSCIN/PA1
OSCOUT/PA2
5
6
VSS
VCAP
7
8
VDD
PA3
9
10
20
19
18
17
16
15
14
13
12
11
PD3
PD2
PD1
PC7
PC6
PC5
PC4
PC3
PB4
PB5
TSSOP20
/SOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com