Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 17 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 17 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 15Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 16Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 17Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 18Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
www.geehy.com
Page 16
output (push-pull, open drain) or multiplexing functions. Most GPIO pins are
shared with multiplexed peripherals. In addition, some pins have redefined
functions, such as analog input, external interrupt, and input/output of chip
peripherals, but only one function can be mapped to a pin at the same time. The
remapping of multiplexing functions can be realized by controlling option bytes.
Please refer to the description of option bytes in the data manual.
Communication interface
4.9.1.
Universal asynchronous transceiver (USART)
Embedded with three USART communication interfaces, USART interface can
support 2.5Mbit/s communication rate, and it has SPI emulation, high-precision
baud rate generator, smart card emulation, IrDA SIR codec, LIN main mode and
single-line half-duplex mode.
Table 7 Communication mode of universal asynchronous transceiver
Communication mode
description
Asynchronous
communication (USART
mode)
Full duplex NRZ standard format communication (mark/space)
Programmable transmission and reception baud rate is up to
2.5Mbit/s, which can follow any standard baud rate at input
frequency
Independent enable bits for sending and receiving
There are two wake-up modes: address bit (MSB) and idle line
(interrupt)
Transmission error detection and interrupt generation
Parity control
Synchronous communication
Full duplex synchronous transmission
SPI main operation
8-bit data communication
Maximum speed: 1mbit/s at 16MHz (fcpu/16)
LIN main mode
Transmit: generate a 13-bit synchronous interrupt frame
Receive: detect an 11-bit interrupt frame
4.9.2.
I2C bus
Embedded with an I2C interface, it is led out through data pin (SDA) and clock
pin (SCL), and can turn on or interrupt disable. It can work in multi-master mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com