Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 32 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 32 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
www.geehy.com
Page 31
HIRC=16MHz,FCPU=15.625MHz
0.58
0.58
0.71
LIRC=128KHz,FCPU=128KHz
0.43
0.43
0.51
Table 31 Typical power consumption in active halt mode
Symbol
Parameter
Condition
Voltage
(TA=25℃)
Unit
MVR
Flash mode
Clock source
3.3V
5V
IDD
Supply
current in
active
shutdown
mode
Turn on
Operation
HXT=16MHz
780
1360
µA
Turn on
Operation
HXT=24MHz
800
1390
Turn on
Power down
HXT=16MHz
780
1360
Turn on
Power down
HXT=24MHz
800
1390
Turn on
Operation
LIRC=128KHz
17.1
18.8
Turn on
Power down
LIRC=128KHz
17.0
18.5
Turn off
Operation
LIRC=128KHz
4.9
6.6
Turn off
Power down
LIRC=128KHz
4.8
6.4
Table 32 Maximum power consumption in active halt mode
Symbol
Parameter
Condition
Voltage (TA=105℃)
Unit
MVR
Flash mode
Clock source
3.3V
5V
5.5V
IDD
Supply
current in
active
shutdown
mode
Turn on
Operation
HXT=16MHz
780
1350
1640
µA
Turn on
Operation
HXT=24MHz
810
1380
1670
Turn on
Power down
HXT=16MHz
780
1350
1630
Turn on
Power down
HXT=24MHz
800
1380
1670
Turn on
Operation
LIRC=128KHz
55.64
57.72
59.82
Turn on
Power down
LIRC=128KHz
48.24
50.98
52.42
Turn off
Operation
LIRC=128KHz
32.30
34.34
35.34
Turn off
Power down
LIRC=128KHz
26.44
28.53
29.46
Table 33 Typical power consumption in halt mode
Symbol
Parameter
Condition
Voltage
(TA=25℃)
Unit
3.3V
5V
IDD
Supply
current in
halt mode
Running mode of Flash,
HIRC as clock source after wake up
3.53
5.2
µA
Flash power-down mode,
HIRC as clock source after wake up
3.43
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com