Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 23 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 23 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
www.geehy.com
Page 22
5.
Electrical Specification
Test condition
Unless otherwise specified, all voltage parameters are referenced to VSS.
5.1.1.
Maximum and minimum value
Unless otherwise specified, all products are tested on the production line at TA =
25℃. Its maximum and minimum values can support the worst environmental
temperature, power supply voltage and clock frequency.
In the notes at the bottom of each table, it is stated that the data obtained
through comprehensive evaluation, design simulation or process characteristics
are not tested on the production line; On the basis of comprehensive evaluation,
after passing the sample test, take the average value and add and subtract
three times the standard deviation (average ±3∑) to get the maximum and
minimum values.
5.1.2.
Typical value
Unless otherwise specified, typical data are based on TA=25°C and VDD=3.3V
and 5V.
5.1.3.
Typical curve
Unless otherwise specified, typical curves are only used for design guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com