Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F003F6P6-R Datasheet(PDF) 25 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F003F6P6-R
Description  Arm® Cortex®-M0 based 32-bit MCU
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F003F6P6-R Datasheet(HTML) 25 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F003F6P6-R Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F003F6P6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
www.geehy.com
Page 24
Figure 7 Pin input voltage measurement scheme
APM32F003x4x6 pin
VIN
Testing under general working conditions
Table 15 General working conditions
Symbol
Parameter
Condition
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
-
48
MHz
VDD
Standard operating voltage
-
2.4
5.5
V
VCAP
VCORE external capacitance
-
470
3300
nF
Absolute maximum rating
If the load on the device exceeds the absolute maximum rating, it will cause
permanent damage to the device. Only the maximum load that can be borne is
given here, and there is no guarantee that the device functions normally under
this condition.
5.3.1.
Maximum temperature characteristics
Table 16 Temperature characteristics
Symbol
description
Numerical value
Unit
TSTG
Storage temperature range
-65 ~150
°C
TJ
Maximum junction temperature
150
°C
5.3.2.
Maximum rated voltage characteristics
Table 17 Maximum rated voltage characteristics
Symbol
description
Min
Max
Unit
VDD-VSS
External main supply voltage
0.3
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com