Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
12
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
possible. One external 2.2 µF (or 3.3 µF) X7R capacitor must be connected between VDDOUT
and GND.
Adequate input supply decoupling is mandatory for VDDIN in order to improve startup stability
and reduce source voltage drop. The input decoupling capacitor should be placed close to the
chip. For example, two capacitors can be used in parallel: 100 nF NPO and 4.7 µF X7R.
6.4
Typical Powering Schematics
The AT91SAM7S Series supports a 3.3V single supply mode. The internal regulator is con-
nected to the 3.3V source and its output feeds VDDCORE and the VDDPLL. Figure 6-1 shows
the power schematics to be used for USB bus-powered systems.
Figure 6-1.
3.3V System Single Power Supply Schematic
Power Source
ranges
from 4.5V (USB)
to 18V
3.3V
VDDIN
Voltage
Regulator
VDDOUT
VDDIO
DC/DC Converter
VDDCORE
VDDFLASH
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com