Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
9.
Memory
9.1
AT91SAM7S256
•
256 Kbytes of Flash Memory single plane
–
1024 pages of 256 bytes
–
Fast access time, 30 MHz single-cycle access in Worst Case conditions
–
Page programming time: 6 ms, including page auto-erase
–
Page programming without auto-erase: 3 ms
–
Full chip erase time: 15 ms
–
10,000 write cycles, 10-year data retention capability
–
16 lock bits, protecting 16 sectors of 64 pages
–
Protection Mode to secure contents of the Flash
•
64 Kbytes of Fast SRAM
–
Single-cycle access at full speed
9.2
AT91SAM7S128
•
128 Kbytes of Flash Memory single plane
–
512 pages of 256 bytes
–
Fast access time, 30 MHz single-cycle access in Worst Case conditions
–
Page programming time: 6 ms, including page auto-erase
–
Page programming without auto-erase: 3 ms
–
Full chip erase time: 15 ms
–
10,000 write cycles, 10-year data retention capability
–
8 lock bits, protecting 8 sectors of 64 pages
–
Protection Mode to secure contents of the Flash
•
32 Kbytes of Fast SRAM
–
Single-cycle access at full speed
9.3
AT91SAM7S64
•
64 Kbytes of Flash Memory single plane
–
512 pages of 128 bytes
–
Fast access time, 30 MHz single-cycle access in Worst Case conditions
–
Page programming time: 6 ms, including page auto-erase
–
Page programming without auto-erase: 3 ms
–
Full chip erase time: 15 ms
–
10,000 write cycles, 10-year data retention capability
–
16 lock bits, protecting 16 sectors of 32 pages
–
Protection Mode to secure contents of the Flash
•
16 Kbytes of Fast SRAM
–
Single-cycle access at full speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com