Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
9.6
Embedded Flash
9.6.1
Flash Overview
• The Flash of the AT91SAM7S256 is organized in 1024 pages of 256 bytes. The 262,144
bytes are organized in 32-bit words.
• The Flash of the AT91SAM7S128 is organized in 512 pages of 256 bytes. The 131,072 bytes
are organized in 32-bit words.
• The Flash of the AT91SAM7S64 is organized in 512 pages of 128 bytes. The 65,536 bytes
are organized in 32-bit words.
• The Flash of the AT91SAM7S321/32 is organized in 256 pages of 128 bytes. The 32,768
bytes are organized in 32-bit words.
• The Flash of the AT91SAM7S256/128 contains a 256-byte write buffer, accessible through a
32-bit interface.
• The Flash of the AT91SAM7S64/321/32 contains a 128-byte write buffer, accessible through
a 32-bit interface.
The Flash benefits from the integration of a power reset cell and from the brownout detector.
This prevents code corruption during power supply changes, even in the worst conditions.
When Flash is not used (read or write access), it is automatically placed into standby mode.
9.6.2
Embedded Flash Controller
The Embedded Flash Controller (EFC) manages accesses performed by the masters of the sys-
tem. It enables reading the Flash and writing the write buffer. It also contains a User Interface,
mapped within the Memory Controller on the APB. The User Interface allows:
• programming of the access parameters of the Flash (number of wait states, timings, etc.)
• starting commands such as full erase, page erase, page program, NVM bit set, NVM bit
clear, etc.
• getting the end status of the last command
• getting error status
• programming interrupts on the end of the last commands or on errors
The Embedded Flash Controller also provides a dual 32-bit Prefetch Buffer that optimizes 16-bit
access to the Flash. This is particularly efficient when the processor is running in Thumb mode.
9.6.3
Lock Regions
The Embedded Flash Controller manages 16/8 lock bits to protect 16/8 regions of the flash
against inadvertent flash erasing or programming commands.
Table 9-1 summarizes the configuration of the five devices.
Table 9-1.
Flash Configuration Summary
Device
Number of Lock Bits
Number of Pages in the Lock Region
Page Size
AT91SAM7S256
16
64
256 bytes
AT91SAM7S128
8
64
256 bytes
AT91SAM7S64
16
32
128 bytes
AT91SAM7S321/32
8
32
128 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com