Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 36Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 37Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 38Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
35
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
11.4
Peripheral Identifiers
The AT91SAM7S Series embeds a wide range of peripherals. Table 11-3 defines the Peripheral
Identifiers of the AT91SAM7S256/128/64/321. Table 11-4 defines the Peripheral Identifiers of
the AT91SAM7S32. A peripheral identifier is required for the control of the peripheral interrupt
with the Advanced Interrupt Controller and for the control of the peripheral clock with the Power
Management Controller.
Note:
1. Setting SYSIRQ and ADC bits in the clock set/clear registers of the PMC has no effect. The
System Controller is continuously clocked. The ADC clock is automatically started for the first
conversion. In Sleep Mode the ADC clock is automatically stopped after each conversion.
Table 11-3.
Peripheral Identifiers (AT91SAM7S256/128/64/321)
Peripheral
ID
Peripheral
Mnemonic
Peripheral
Name
External
Interrupt
0
AIC
Advanced Interrupt Controller
FIQ
1
SYSIRQ
(1)
System Interrupt
2
PIOA
Parallel I/O Controller A
3
Reserved
4ADC
(1)
Analog-to Digital Converter
5
SPI
Serial Peripheral Interface
6
US0
USART 0
7
US1
USART 1
8
SSC
Synchronous Serial Controller
9
TWI
Two-wire Interface
10
PWMC
PWM Controller
11
UDP
USB Device Port
12
TC0
Timer/Counter 0
13
TC1
Timer/Counter 1
14
TC2
Timer/Counter 2
15 - 29
Reserved
30
AIC
Advanced Interrupt Controller
IRQ0
31
AIC
Advanced Interrupt Controller
IRQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com