Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 23Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 24Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 25Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 26Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 27Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 28Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
25
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
10.2
Reset Controller
The Reset Controller is based on a power-on reset cell and one brownout detector. It gives the
status of the last reset, indicating whether it is a power-up reset, a software reset, a user reset, a
watchdog reset or a brownout reset. In addition, it controls the internal resets and the NRST pin
open-drain output. It allows to shape a signal on the NRST line, guaranteeing that the length of
the pulse meets any requirement.
Note that if NRST is used as a reset output signal for external devices during power-off, the
brownout detector must be activated.
10.2.1
Brownout Detector and Power-on Reset
The AT91SAM7S Series embeds a brownout detection circuit and a power-on reset cell. Both
are supplied with and monitor VDDCORE. Both signals are provided to the Flash to prevent any
code corruption during power-up or power-down sequences or if brownouts occur on the
VDDCORE power supply.
The power-on reset cell has a limited-accuracy threshold at around 1.5V. Its output remains low
during power-up until VDDCORE goes over this voltage level. This signal goes to the reset con-
troller and allows a full re-initialization of the device.
The brownout detector monitors the VDDCORE level during operation by comparing it to a fixed
trigger level. It secures system operations in the most difficult environments and prevents code
corruption in case of brownout on the VDDCORE.
Only VDDCORE is monitored, as a voltage drop on VDDFLASH or any other power supply of
the device cannot affect the Flash.
When the brownout detector is enabled and VDDCORE decreases to a value below the trigger
level (Vbot-, defined as Vbot - hyst/2), the brownout output is immediately activated.
When VDDCORE increases above the trigger level (Vbot+, defined as Vbot + hyst/2), the reset
is released. The brownout detector only detects a drop if the voltage on VDDCORE stays below
the threshold voltage for longer than about 1µs.
The threshold voltage has a hysteresis of about 50 mV, to ensure spike free brownout detection.
The typical value of the brownout detector threshold is 1.68V with an accuracy of ± 2% and is
factory calibrated.
The brownout detector is low-power, as it consumes less than 20 µA static current. However, it
can be deactivated to save its static current. In this case, it consumes less than 1µA. The deac-
tivation is configured through the GPNVM bit 0 of the Flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com