Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 23Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 24Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 25Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 26Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 27Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 28Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 29Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
26
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
10.3
Clock Generator
The Clock Generator embeds one low-power RC Oscillator, one Main Oscillator and one PLL
with the following characteristics:
• RC Oscillator ranges between 22 kHz and 42 kHz
• Main Oscillator frequency ranges between 3 and 20 MHz
• Main Oscillator can be bypassed
• PLL output ranges between 80 and 220 MHz
It provides SLCK, MAINCK and PLLCK.
Figure 10-4. Clock Generator Block Diagram
Embedded
RC
Oscillator
Main
Oscillator
PLL and
Divider
Clock Generator
Power
Management
Controller
XIN
XOUT
PLLRC
Slow Clock
SLCK
Main Clock
MAINCK
PLL Clock
PLLCK
Control
Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com