Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 23Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 24Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
9.8
SAM-BA Boot Assistant
The SAM-BA™ Boot Recovery restores the SAM-BA Boot in the first two sectors of the on-chip
Flash memory. The SAM-BA Boot recovery is performed when the TST pin and the PA0, PA1
and PA2 pins are all tied high.
The SAM-BA Boot Assistant is a default Boot Program that provides an easy way to program in
situ the on-chip Flash memory.
The SAM-BA Boot Assistant supports serial communication through the DBGU or through the
USB Device Port. (The AT91SAM7S32 has no USB Device Port.)
• Communication through the DBGU supports a wide range of crystals from 3 to 20 MHz via
software auto-detection.
• Communication through the USB Device Port is limited to an 18.432 MHz crystal. (
The SAM-BA Boot provides an interface with SAM-BA Graphic User Interface (GUI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com