Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
14
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
7.6
I/O Line Drive Levels
The PIO lines PA0 to PA3 are high-drive current capable. Each of these I/O lines can drive up to
16 mA permanently.
The remaining I/O lines can draw only 8 mA.
However, the total current drawn by all the I/O lines cannot exceed 150 mA (100mA for
AT91SAM7S32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com