Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM7S64 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
1.
Description
Atmel’s AT91SAM7S is a series of low pincount Flash microcontrollers based on the 32-bit ARM
RISC processor. It features a high-speed Flash and an SRAM, a large set of peripherals, includ-
ing a USB 2.0 device (except for the AT91SAM7S32), and a complete set of system functions
minimizing the number of external components. The device is an ideal migration path for 8-bit
microcontroller users looking for additional performance and extended memory.
The embedded Flash memory can be programmed in-system via the JTAG-ICE interface or via
a parallel interface on a production programmer prior to mounting. Built-in lock bits and a secu-
rity bit protect the firmware from accidental overwrite and preserves its confidentiality.
The AT91SAM7S Series system controller includes a reset controller capable of managing the
power-on sequence of the microcontroller and the complete system. Correct device operation
can be monitored by a built-in brownout detector and a watchdog running off an integrated RC
oscillator.
The AT91SAM7S Series are general-purpose microcontrollers. Their integrated USB Device
port makes them ideal devices for peripheral applications requiring connectivity to a PC or cellu-
lar phone. Their aggressive price point and high level of integration pushes their scope of use far
into the cost-sensitive, high-volume consumer market.
2.
Configuration Summary of the AT91SAM7S256, AT91SAM7S128,
AT91SAM7S64, AT91SAM7S321 and AT91SAM7S32
The AT91SAM7S256, AT91SAM7S128, AT91SAM7S64, AT91SAM7S321 and AT91SAM7S32
differ in memory size, peripheral set and package. Table 2-1 summarizes the configuration of
the five devices.
Except for the AT91SAM7S32, all other AT91SAM7S devices are package and pinout
compatible.
Notes:
1. Manchester Encoder/Decoder, Fractional Baud Rate.
2. Full modem line support on USART1.
Table 2-1.
Configuration Summary
Device
Flash
SRAM
USB
Device
Port
USART
External
Interrupt
Source
PDC
Channels
TC
Channels
I/O Lines
Package
AT91SAM7S256
256K byte
64K byte
1
2(1) (2)
2
11
3
32
LQFP 64
AT91SAM7S128
128K byte
32K byte
1
2(1) (2)
2
11
3
32
LQFP 64
AT91SAM7S64
64K byte
16K byte
1
2(2)
2
11
3
32
LQFP 64
AT91SAM7S321
32K byte
8K byte
1
2(2)
2
11
3
32
LQFP 64
AT91SAM7S32
32K byte
8K byte
not
present
1
1
9
2
21
LQFP 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com