Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
18
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
9.4
AT91SAM7S321/32
•
32 Kbytes of Flash Memory single plane
–
256 pages of 128 bytes
–
Fast access time, 30 MHz single-cycle access in Worst Case conditions
–
Page programming time: 6 ms, including page auto-erase
–
Page programming without auto-erase: 3 ms
–
Full chip erase time: 15 ms
–
10,000 write cycles, 10-year data retention capability
–
8 lock bits, protecting 8 sectors of 32 pages
–
Protection Mode to secure contents of the Flash
•
8 Kbytes of Fast SRAM
–
Single-cycle access at full speed
9.5
Memory Mapping
9.5.1
Internal SRAM
The AT91SAM7S256/128/64/321/32 embeds a high-speed 64/32/16/8/8-Kbyte SRAM bank.
After reset and until the Remap Command is performed, the SRAM is only accessible at address
0x0020 0000. After Remap, the SRAM also becomes available at address 0x0.
9.5.2
Internal ROM
The AT91SAM7S Series embeds an Internal ROM. The ROM contains the FFPI and the
SAM-BA program.
The internal ROM is not mapped by default.
9.5.3
Internal Flash
The AT91SAM7S256/128/64/321/32 features one bank of 256/128/64/32/32 Kbytes of Flash. At
any time, the Flash is mapped to address 0x0010 0000. It is also accessible at address 0x0 after
the reset and before the Remap Command.
Figure 9-1.
Internal Memory Mapping
256M Bytes
Flash Before Remap
SRAM After Remap
Undefined Areas
(Abort)
0x000F FFFF
0x001F FFFF
0x002F FFFF
0x0FFF FFFF
1 M Bytes
1 M Bytes
1 M Bytes
253 M Bytes
Internal Flash
Internal SRAM
0x0000 0000
0x0010 0000
0x0020 0000
0x0030 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com