Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT91SAM7S64 Datasheet HTML 1Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 2Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 3Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
Figure 3-2.
AT91SAM7S32 Block Diagram
ROM
TDI
TDO
TMS
TCK
NRST
FIQ
IRQ0
PCK0-PCK2
JTAGSEL
RXD0
TXD0
SCK0
RTS0
CTS0
NPCS0
NPCS1
NPCS2
NPCS3
MISO
MOSI
SPCK
DRXD
DTXD
TF
TK
TD
RD
RK
RF
TCLK0
TIOA0
TIOB0
TIOA1
TIOB1
AD0
AD1
AD2
AD3
ADTRG
PLLRC
9 Channels
ADVREF
TWD
TWCK
XIN
XOUT
VDDIN
PWM0
PWM1
PWM2
PWM3
GND
VDDOUT
VDDCORE
VDDCORE
AD4
AD5
AD6
AD7
VDDFLASH
ERASE
PGMD0-PGMD7
PGMNCMD
PGMEN0-PGMEN2
PGMRDY
PGMNVALID
PGMNOE
PGMCK
PGMM0-PGMM3
VDDIO
TST
VDDCORE
SRAM
8 Kbytes
ARM7TDMI
Processor
Flash
32 Kbytes
APB
SAM-BA
PMC
Peripheral Bridge
Peripheral DMA
Controller
AIC
PLL
RCOSC
ICE
JTAG
SCAN
PIOA
USART0
SSC
Timer Counter
Reset
Controller
Memory Controller
Abort
Status
Address
Decoder
Misalignment
Detection
POR
Embedded
Flash
Controller
PDC
PDC
PDC
PDC
SPI
PDC
ADC
PDC
PDC
TC0
TC1
TC2
TWI
OSC
PWMC
1.8 V
Voltage
Regulator
BOD
Fast Flash
Programming
Interface
DBGU
PDC
PDC
PIT
WDT
RTT
System Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com