Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S64 Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT91SAM7S64
Description  AT91 ARM짰 Thumb짰-based Microcontrollers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S64 Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT91SAM7S64 Datasheet HTML 28Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 29Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 30Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7S64 Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
6175BS–ATARM–04-Nov-05
AT91SAM7S Series Summary
11.2
Peripheral Multiplexing on PIO Lines
The AT91SAM7S Series features one PIO controller, PIOA, that multiplexes the I/O lines of the
peripheral set.
PIO Controller A controls 32 lines (21 lines for AT91SAM7S32). Each line can be assigned to
one of two peripheral functions, A or B. Some of them can also be multiplexed with the analog
inputs of the ADC Controller.
Table 11-1 on page 33 defines how the I/O lines of the peripherals A, B or the analog inputs are
multiplexed on the PIO Controller A. The two columns “Function” and “Comments” have been
inserted for the user’s own comments; they may be used to track how pins are defined in an
application.
Note that some peripheral functions that are output only may be duplicated in the table.
All pins reset in their Parallel I/O lines function are configured in input with the programmable
pull-up enabled, so that the device is maintained in a static state as soon as a reset is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com