Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 19Page - ams-OSRAM AG AS1170 Datasheet HTML 20Page - ams-OSRAM AG AS1170 Datasheet HTML 21Page - ams-OSRAM AG AS1170 Datasheet HTML 22Page - ams-OSRAM AG AS1170 Datasheet HTML 23Page - ams-OSRAM AG AS1170 Datasheet HTML 24Page - ams-OSRAM AG AS1170 Datasheet HTML 25Page - ams-OSRAM AG AS1170 Datasheet HTML 26Page - ams-OSRAM AG AS1170 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
23 / 53
/
7.5.7
Flash current reductions
Current reduction by VIN measurements in flash mode
Due to the high load of the flash driver and the ESR of the battery (especially critical at low
temperatures), the voltage on the battery drops. If the voltage drops below the reset threshold
of the system would reset. To prevent this condition the AS1170 monitors the battery voltage
and keeps it above vin_low_v_run as follows:
Before a flash is started the voltage on VIN is measured. If the voltage is below the setting of
vin_low_v the fault_uvlo is set and the flash is disabled (driver stays in shutdown) if
vin_low_v_shutdown=1.
During flash, if the voltage on VIN drops below the threshold defined by vin_low_v_run, the
flash current is reduced (or ramping of the current is stopped during flash current startup) and
fault_uvlo is set. The timing for the reduction of the current is 8 µs/LSB current change.
During the flash pulse the actual used current can be readout by the register
led_current_actual.
After the flash pulse the minimum current can be readout by the register led_current_min - this
allows to adjust the camera sensitivity (gain or iso-settings) for the subsequent flash pulse (e.g.
when using a pre-flash and a main flash pulse).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com