Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 30Page - ams-OSRAM AG AS1170 Datasheet HTML 31Page - ams-OSRAM AG AS1170 Datasheet HTML 32Page - ams-OSRAM AG AS1170 Datasheet HTML 33Page - ams-OSRAM AG AS1170 Datasheet HTML 34Page - ams-OSRAM AG AS1170 Datasheet HTML 35Page - ams-OSRAM AG AS1170 Datasheet HTML 36Page - ams-OSRAM AG AS1170 Datasheet HTML 37Page - ams-OSRAM AG AS1170 Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
AS1170
Register description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
34 / 53
/
8
Register description
8.1
ChipID register
Table 7: ChipID register
Addr: 0
ChipID register
Bit
Bit name
Default
Access
Bit description
2:0
version
4h
R
AS1170 chip version number.
7:3
fixed_id
18h
R
This is a fixed identification (e.g. to verify the I²C
communication).
(1) This register has a fixed ID.
8.2
Current set LED1 register
Table 8: Current set LED1 register
Addr: 1
Current set LED1 register
Bit
Bit name
Default
Access
Bit description
7:0
led_current1
9Ch
R/W
Caution: Define the current on pin LED_OUT1 assist mode uses
bits 6:0 of this current setting (max. half of full current setting)
indicator or low current pwm mode uses only 5:0 of this current
setting (max. 1/4 of full current setting).
Value
Description
0h
0 mA
1h
3.5 mA
2h
7.1 mA
...
...
3Fh
222.4 mA (maximum current for indicator or low
current pwm mode, mode_setting=01)
...
...
7Fh
448.2 mA (maximum current for assist light mode,
mode_setting=10)
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com