Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS1170 Datasheet HTML 1Page - ams-OSRAM AG AS1170 Datasheet HTML 2Page - ams-OSRAM AG AS1170 Datasheet HTML 3Page - ams-OSRAM AG AS1170 Datasheet HTML 4Page - ams-OSRAM AG AS1170 Datasheet HTML 5Page - ams-OSRAM AG AS1170 Datasheet HTML 6Page - ams-OSRAM AG AS1170 Datasheet HTML 7Page - ams-OSRAM AG AS1170 Datasheet HTML 8Page - ams-OSRAM AG AS1170 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
AS1170
General description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
4 / 53
/
AS1170 High current LED/VCSEL driver
1
General description
The AS1170 is an inductive high efficient DCDC step up converter with two current sinks. The
DCDC step up converter operates at a fixed frequency of 4 MHz and includes soft startup to
allow easy integration into noise sensitive RF systems. The AS1170 includes flash timeout,
overvoltage, over temperature, undervoltage and short circuit protection functions. The
AS1170 is controlled by an I²C interface and has a hardware automatic shutdown if SCL=0 for
100 ms. Therefore, no additional enable input is required for shutting down of the device once
the system shuts down. The AS1170 is available in a space-saving WL-CSP package
measuring only 2.25 mm x 1.5 mm x 0.6 mm.
1.1
Key benefits & features
The AS1170 module is specifically designed for:
Table 1: Added value overview
Features
Benefits
High efficiency 4 MHz fixed frequency DCDC Boost converter
Stable even in coil current limit
Independent channel control
Combine channels for higher current output
PWM operation for lower output current
31.25 kHz to avoid audible noise
WL-CSP package
Tiny footprint of
2.25 mm x 1.5 mm x 0.6 mm
Automatic current adjustment for low battery voltage
Long battery lifetime
High output current
Current adjustable up to 2000 mA
1.2
Applications
•
Flash / torch / video light for smartphones, feature-phones
•
3D sensing
– Active stereo vision / structured light
•
Handheld scanners
•
Safety signage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com