Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 25Page - ams-OSRAM AG AS1170 Datasheet HTML 26Page - ams-OSRAM AG AS1170 Datasheet HTML 27Page - ams-OSRAM AG AS1170 Datasheet HTML 28Page - ams-OSRAM AG AS1170 Datasheet HTML 29Page - ams-OSRAM AG AS1170 Datasheet HTML 30Page - ams-OSRAM AG AS1170 Datasheet HTML 31Page - ams-OSRAM AG AS1170 Datasheet HTML 32Page - ams-OSRAM AG AS1170 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
29 / 53
/
Figure 26: AS1170 flash duration & STROBE defined start, limited by flash_timeout; timer not expired
Figure 27: AS1170 flash duration and start defined by STROBE, flash_timeout; timer expired
7.5.10
I²C serial data bus
The AS1170 supports the I²C bus protocol. A device that sends data onto the bus is defined as
a transmitter and a device receiving data as a receiver. The device that controls the message
is called a master. The devices that are controlled by the master are referred to as slaves. A
master device that generates the serial clock (SCL), controls the bus access, and generates
the START and STOP conditions must control the bus. The AS1170 operates as a slave on
the I²C bus. Within the bus specifications a standard mode (100 kHz maximum clock rate) and
a fast mode (400 kHz maximum clock rate) are defined. The AS1170 works in both modes.
Connections to the bus are made through the open-drain I/O lines SDA and SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com