Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 7Page - ams-OSRAM AG AS1170 Datasheet HTML 8Page - ams-OSRAM AG AS1170 Datasheet HTML 9Page - ams-OSRAM AG AS1170 Datasheet HTML 10Page - ams-OSRAM AG AS1170 Datasheet HTML 11Page - ams-OSRAM AG AS1170 Datasheet HTML 12Page - ams-OSRAM AG AS1170 Datasheet HTML 13Page - ams-OSRAM AG AS1170 Datasheet HTML 14Page - ams-OSRAM AG AS1170 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
AS1170
Electrical characteristics
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
11 / 53
/
5.1
I²C specifications
Table 5: I²C specifications
Symbol
Parameter
Condition
Min
Typ.
Max
Unit
I²C mode timings
– see Figure 3
fSCLK
SCL clock frequency
1 / tTIMEOUT
400
kHz
tBUF
Bus free time between a
STOP and START condition
1.3
µs
tHD:STA
Hold time (repeated) START
Condition (7)
0.6
µs
tLOW
LOW period of SCL clock
1.3
µs
tHIGH
HIGH period of SCL clock
0.6
µs
tSU:STA
Setup time for a repeated
START condition
0.6
µs
tHD:DAT
Data hold time (8)
0
0.9
µs
tSU:DAT
Data setup time (9)
100
ns
tR
Rise time of both SDA and
SCL signals
20 + 0.1CB
300
ns
tF
Fall time of both SDA and
SCL signals
20 + 0.1CB
300
ns
tSU:STO
Setup time for STOP
condition
0.6
µs
CB
Capacitive load for each bus
line
CB - total
capacitance of one
bus line in pF
400
pF
CI/O
I/O capacitance (SDA, SCL)
10
pF
(1) For VBAT=4.5 V, SCL=1.8 V, SDA=1.8 V maximum ISTANBY is <16 µA.
(2) To improve efficiency at low output currents, the active part of the internal switching transistor PMOS is reduced in size to 1/5
its original size. This reduces the current required to drive the PMOS transistor and therefore improves overall efficiency at
low output currents.
(3) The maximum current driving capability depends on supply voltage VVIN, LED forward voltage and coil peak current limit.
(4) Due to slope compensation of the current limit, ILIMIT changes with duty cycle – see Figure 17.
(5) The logic input levels VIH and VIL allow for 1.2 V or 1.8 V supplied driving circuit.
(6) A pulldown current of 36
µA is equal to a pulldown resistor of 42 kΩ at 1.5 V.
(7) After this period, the first clock pulse is generated.
(8) A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHMIN of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
(9) A fast-mode device can be used in a standard-mode system, but the requirement tSU:DAT = to 250 ns must then be met. This is
automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW
period of the SCL signal, it must output the next data bit to the SDA line tR max + tSU:DAT = 1000 + 250 = 1250 ns before the SCL
line is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com