Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 43 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 43 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 39Page - ams-OSRAM AG AS1170 Datasheet HTML 40Page - ams-OSRAM AG AS1170 Datasheet HTML 41Page - ams-OSRAM AG AS1170 Datasheet HTML 42Page - ams-OSRAM AG AS1170 Datasheet HTML 43Page - ams-OSRAM AG AS1170 Datasheet HTML 44Page - ams-OSRAM AG AS1170 Datasheet HTML 45Page - ams-OSRAM AG AS1170 Datasheet HTML 46Page - ams-OSRAM AG AS1170 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
AS1170
Register description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
43 / 53
/
8.10
Minimum LED current register
Table 16: Minimum LED current register
Addr: Eh
Minimum LED current register
Bit
Bit name
Default
Access
Bit description
7:0
led_current_min (2)(3)(4)
00h
R
Minimum current through the current sink (only
including all current reductions as described in
Current Reduction by VIN measurements in Flash
Mode.
(1) This register reports the minimum LED current from the last operation cycle.
(2) Only the current through LED_OUT1 is reported.
(3) As the internal change of this register is asynchronous to the readout, it is recommended to readout the register after the flash
pulse. The register will store the minimum current through the LED after e.g. a previous flash. This current can be used for a
subsequent flash pulse for a safe operating range.
(4) This register is only set if an actual current reduction happens (fault_uvlo=1) otherwise led_current_min=0.
8.11
Actual LED current register
Table 17: Actual LED current register
Addr: Fh
Actual LED current register
Bit
Bit name
Default
Access
Bit description
7:0
led_current_actual (2)(3)
00h
R
Actual set current through the current sink
(including all current reductions as described in
Flash Current Reductions including LED current
ramp up/down).
(1) This register reports the actual set LED current.
(2) Only the current through LED_OUT1 is reported.
(3) As the internal change of this register is asynchronous to the readout, it is recommended to readout the register twice and
compare the results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com