Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 27Page - ams-OSRAM AG AS1170 Datasheet HTML 28Page - ams-OSRAM AG AS1170 Datasheet HTML 29Page - ams-OSRAM AG AS1170 Datasheet HTML 30Page - ams-OSRAM AG AS1170 Datasheet HTML 31Page - ams-OSRAM AG AS1170 Datasheet HTML 32Page - ams-OSRAM AG AS1170 Datasheet HTML 33Page - ams-OSRAM AG AS1170 Datasheet HTML 34Page - ams-OSRAM AG AS1170 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
31 / 53
/
Figure 28: Data transfer on I²C serial bus
Depending upon the state of the R/W bit, two types of data transfer are possible:
1. Data transfer from a master transmitter to a slave receiver:
The first byte transmitted by the master is the slave address. Next follows a number of data
bytes. The slave returns an acknowledge bit after each received byte. Data is transferred
with the most significant bit (MSB) first.
2. Data transfer from a slave transmitter to a master receiver:
The master transmits the first byte (the slave address). The slave then returns an
acknowledge bit, followed by the slave transmitting a number of data bytes. The master
returns an acknowledge bit after all received bytes other than the last byte. At the end of
the last received byte, a “not acknowledge” is returned. The master device generates all of
the serial clock pulses and the START and STOP conditions. A transfer is ended with a
STOP condition or with a repeated START condition. Since a repeated START condition is
also the beginning of the next serial transfer, the bus is not released. Data is transferred
with the most significant bit (MSB) first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com