Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 37Page - ams-OSRAM AG AS1170 Datasheet HTML 38Page - ams-OSRAM AG AS1170 Datasheet HTML 39Page - ams-OSRAM AG AS1170 Datasheet HTML 40Page - ams-OSRAM AG AS1170 Datasheet HTML 41Page - ams-OSRAM AG AS1170 Datasheet HTML 42Page - ams-OSRAM AG AS1170 Datasheet HTML 43Page - ams-OSRAM AG AS1170 Datasheet HTML 44Page - ams-OSRAM AG AS1170 Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
AS1170
Register description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
41 / 53
/
Addr: 8
Fault register
Bit
Bit name
Default
Access
Bit description
Value
Description
0
No fault.
1
Junction temperature limit has been exceeded.
6
fault_led_short
0
R/sC(2)
See Short Circuit Protection.
Value
Description
0
No fault.
1
A shorted LED is detected (pin LED_OUT1/2).
7
fault_ovp
0
R/sC(2)
See Overvoltage Protection.
Value
Description
0
No fault.
1
An overvoltage condition is detected (pin VOUT).
(1) This register identifies all the different fault conditions and provide information about the LED detection.
(2) R/sC = Read, self clear; after readout the register is automatically cleared.
8.9
PWM and indicator register
Table 15: PWM and indicator register
Addr: 9
PWM and indicator register
Bit
Bit name
Default
Access
Bit description
1:0
inct_pwm
00
R/W
Define the AS1170 PWM with 31.25 kHz operation for
indicator or low current mode (mode_setting=01).
Value
Description
00
1/16 duty cycle
01
2/16 duty cycle
10
3/16 duty cycle
11
4/16 duty cycle
2
freq_switch_on
0
R/W
Exact frequency switching between 4 MHz/1 MHz for
assist and flash modes for operation close to maximum
pulse width.
Value
Description
0
Pulseskip operation is allowed for all modes -
results in better efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com