Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 43Page - ams-OSRAM AG AS1170 Datasheet HTML 44Page - ams-OSRAM AG AS1170 Datasheet HTML 45Page - ams-OSRAM AG AS1170 Datasheet HTML 46Page - ams-OSRAM AG AS1170 Datasheet HTML 47Page - ams-OSRAM AG AS1170 Datasheet HTML 48Page - ams-OSRAM AG AS1170 Datasheet HTML 49Page - ams-OSRAM AG AS1170 Datasheet HTML 50Page - ams-OSRAM AG AS1170 Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
AS1170
Application information
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
47 / 53
/
Table 22: Recommended output capacitor
Part number
C
TC
code
Rated
voltage
Size
Manufacturer
GRM219R61A116U
10 µF ±10% > 4.2 µF @ 5 V
X5R
10 V
0805
Murata
GRM188R60J106ME84
10 µF ±20% > 4.2 µF @ 4 V
X5R
6.3 V
0603
(1.6x0.8x0.85 mm
max. 0.95 mm
height)
(1) Use only for VLED < 3.75 V.
If a different output capacitor is chosen, ensure similar ESR values and at least 4.2 µF
capacitance at 5 V output voltage.
10.1.3
Inductor LDCDC
The fast switching frequency (4 MHz) of the AS1170 allows for the use of small SMDs for the
external inductor. The saturation current ISATURATION should be chosen to be above the
maximum value of ILIMIT13. The inductor should have very low DC resistance (DCR) to reduce
the I²R power losses - high DCR values will reduce efficiency.
Table 23: Recommended inductor
Part number
L
DCR
ISATURATION
Size
Manufacturer
C3-P1.5R
1.5 µH
58 m
Ω
2.4 A @ 25°C,
2.0 A (1)
3x3x1.5 mm
(height is max.)
Mitsumi
LQM32PN1R0MG0
1.0 µH > 0.6 µH @ 3.0 A
60 m
Ω
3.0 A (2)
3.2x2.5x0.9 mm
max 1.0 mm height
Murata
LQM2HPN1R0MGC
1.0 µH > 0.6 µH @ 2.0 A
100 m
Ω
1.5 A (2.0 A) (3)
2.5x2.0x0.9 mm
max 1.00 mm
height
CIG32W1R0MNE
1.0 µH > 0.7 µH @ 2.7 A
> 0.6 µH @ 3.0 A
60 m
Ω
±25%
3.0 A
3.2x2.5 mm max
1.0 mm height
Samsung Electro-
Mechanics
NRH2412T1R0N
1.0 µH > 0.6 µH @ 2.5 A
77 m
Ω
2.5 A (4)
2.4x2.4x1.2 mm
(height is max.)
Taiyo Yuden
CKP3225N1R0M
1.0 µH > 0.6 µH @ 3.0 A
<60 m
Ω
3.0 A
3.2x2.5x0.9 mm
max 1.0 mm height
MAMK2520T1R0M
1.0 µH > 0.6µH @
2.75 A
45 m
Ω
3.0 A (5)
2.5x2.0x1.2 mm
height is max
13 Can be adjusted in I²C mode with register coil_peak (see Page 24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com