Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 15Page - ams-OSRAM AG AS1170 Datasheet HTML 16Page - ams-OSRAM AG AS1170 Datasheet HTML 17Page - ams-OSRAM AG AS1170 Datasheet HTML 18Page - ams-OSRAM AG AS1170 Datasheet HTML 19Page - ams-OSRAM AG AS1170 Datasheet HTML 20Page - ams-OSRAM AG AS1170 Datasheet HTML 21Page - ams-OSRAM AG AS1170 Datasheet HTML 22Page - ams-OSRAM AG AS1170 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
19 / 53
/
across the current source is below low_vds6, the DCDC converter is stopped, the current
sources are disabled and the bit fault_ovp is set7.
7.5
Short circuit protection
After the startup of the DCDC converter, the voltage on LED_OUT1/2 is continuously
monitored and compared against VLEDSHORT if the LED current is above 14 mA8
(current_boost=0), 15.6 mA (current_boost=1)9. If the voltage across the LED (VFLED =
VOUT1/2-LED_OUT1/2) stays below VLEDSHORT, the DCDC is stopped (as a shorted LED is
assumed), the current sinks are disabled and the bit fault_led_short is set. In a dual LED
configuration for the AS1170, if a single shorted LED is detected, this LED is disabled and the
device continuous operation with the other LED.
Figure 18: Short LED detection
6 If overvoltage is reached, but none of the low_vds comparator(s) triggers, VOUT1/2 is still regulated below VVOUTMAX.
7 In constant voltage mode (5V generation, register bit const_v_mode=1) this fault is disabled.
8 Measured for each LED_OUT1/2 pin.
9 To avoid errors in short LED detection for LEDs with a high leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com