Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 12Page - ams-OSRAM AG AS1170 Datasheet HTML 13Page - ams-OSRAM AG AS1170 Datasheet HTML 14Page - ams-OSRAM AG AS1170 Datasheet HTML 15Page - ams-OSRAM AG AS1170 Datasheet HTML 16Page - ams-OSRAM AG AS1170 Datasheet HTML 17Page - ams-OSRAM AG AS1170 Datasheet HTML 18Page - ams-OSRAM AG AS1170 Datasheet HTML 19Page - ams-OSRAM AG AS1170 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
16 / 53
/
7
Detailed description
The AS1170 is a high performance DCDC step up converter with internal PMOS and NMOS
switches. Its output is connected to one or two flash LEDs1 with an internal current sink. The
device is controlled by the pins SDA and SCL in I²C mode.
The actual operating mode like standby, assist light, indicator or flash mode, can then be
chosen by the interface. If not in standby mode, the device automatically enters shutdown
mode by keeping SCL low for more than t2.
The AS1170 includes a fixed frequency DCDC step-up with accurate startup control. Together
with the current sink (on LED_OUT1/2) it includes several protection and safety functions.
Figure 16: Internal circuit diagram
1 If two LEDs are connected, it is possible to operate each of the two LEDs individually as the LED current can be selected
individually.
2 Following registers are reset to their default value if the timeout expires: out_on=0, mode_setting=00, const_v_mode=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com