Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 33Page - ams-OSRAM AG AS1170 Datasheet HTML 34Page - ams-OSRAM AG AS1170 Datasheet HTML 35Page - ams-OSRAM AG AS1170 Datasheet HTML 36Page - ams-OSRAM AG AS1170 Datasheet HTML 37Page - ams-OSRAM AG AS1170 Datasheet HTML 38Page - ams-OSRAM AG AS1170 Datasheet HTML 39Page - ams-OSRAM AG AS1170 Datasheet HTML 40Page - ams-OSRAM AG AS1170 Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
AS1170
Register description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
37 / 53
/
Addr: 4
Low voltage register
Bit
Bit name
Default
Access
Bit description
6
vin_low_v_shutdown
0
R/W
Enables shutdown of current reduction under low voltage
conditions.
Value
Description
0
If before startup (out_on set from 0 to 1), the
voltage on VIN is below vin_low_v, the current is
changed to fault_uvlo is set.
1
If before startup (out_on set from 0 to 1), the
voltage on VIN is below vin_low_v, the operating
mode stays in shutdown (zero LED current) and
fault_uvlo is set.
7
const_v_mode
0
R/W
Enables constant output voltage mode.
Value
Description
0
Normal operation defined by mode_setting.
(1) This register defines the operating mode with low battery voltage.
8.5
Flash timer register
Table 11: Flash timer register
Addr: 5
Flash timer register
Bit
Bit name
Default
Access
Bit description
7:0
flash_timeout (2)
23h
R/W
Define the duration of the flash timer and timeout timer.
Value
Description
0h
1 ms
1h
2 ms
2h
3 ms
...
...
23h
36 ms - default
...
...
7F
128 ms
80
136 ms (now 8 ms LSB steps from here on) (3).
81
142 ms
82
150 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com