Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 4 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 4 Page - Clarke International

  PS50 Datasheet HTML 1Page - Clarke International PS50 Datasheet HTML 2Page - Clarke International PS50 Datasheet HTML 3Page - Clarke International PS50 Datasheet HTML 4Page - Clarke International PS50 Datasheet HTML 5Page - Clarke International PS50 Datasheet HTML 6Page - Clarke International PS50 Datasheet HTML 7Page - Clarke International PS50 Datasheet HTML 8Page - Clarke International PS50 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY IN THE WORKPLACE
1. ALWAYS keep work area clean & tidy. Cluttered work areas invite accidents.
2. NEVER over-reach. Keep proper footing and balance at all times.
3. ALWAYS make sure that the workplace is well lit. Make sure that that lighting is
placed so that you will not be working in your own shadow.
4. Dress correctly. Loose clothing or jewellery can get caught in moving parts. Non-
slip footwear is recommended. Wear protective hair covering to contain long hair.
5. ALWAYS wear safety glasses. (Everyday glasses are not safety glasses).
CARE OF PUMPS
1. The CLARKE service department can replace damaged components.
2. ALWAYS examine the pump for damage that can effect the operation of the
pump. Repair any damaged parts.
3. Have your pump repaired by a qualified person. Repairs must only be carried out
by qualified persons using original spare parts.
Keep the instructions for future reference.
SAFETY SYMBOLS
The meanings of the markings and symbols on the pump are shown below
Read this manual before use
and keep it for future
reference
WARNING: Hot surfaces
Wear ear protection when
in operation
WARNING: Adhere to
safety information on label
WARNING: Loud noise
when in operation
WARNING: Flammable
substances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com