Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 3 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 3 Page - Clarke International

  PS50 Datasheet HTML 1Page - Clarke International PS50 Datasheet HTML 2Page - Clarke International PS50 Datasheet HTML 3Page - Clarke International PS50 Datasheet HTML 4Page - Clarke International PS50 Datasheet HTML 5Page - Clarke International PS50 Datasheet HTML 6Page - Clarke International PS50 Datasheet HTML 7Page - Clarke International PS50 Datasheet HTML 8Page - Clarke International PS50 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
1. ALWAYS obey all safety precautions for the handling of fuel.
2. ALWAYS make sure that you are familiar with this pump, and follow all
instructions in this manual.
3. ALWAYS make sure that the pump is positioned correctly to prevent it from
moving during operation.
4. Keep the area adjacent to the pump clear.
5. ALWAYS connect the strainer to the suction hose to stop stones and other solids
from being pulled into the pump. These can cause damage to the pump.
6. ALWAYS keep the pump dry and clear of discharge hose.
7. Only use parts supplied by the manufacturer. Using non-standard parts can be
dangerous.
8. ALWAYS use at least 300mm of flexible hose to make plumbing connections to
the pump. Rigid piping can put stress on the pump, causing damage. If you use
rigid piping, it must be supported to eliminate stress on the connections.
9. DO NOT refuel the engine while it is operating and let the engine cool sufficiently
before refuelling.
10. DO NOT use to pump petrol (or other flammable liquids), or corrosive chemicals.
The function of this pump is to pump WATER ONLY.
11. DO NOT operate this pump in an explosive atmosphere, near combustible
materials, or where there is insufficient ventilation.
12. DO NOT let children use this pump.
13. DO NOT run the pump dry. ALWAYS fill the pump with water before starting.
14. DO NOT direct the discharge flow towards another person.
15. DO NOT over-tighten drain or filler plugs. Excessive force can damage the
threads or the pump body.
16. DO NOT direct the water discharge towards electrical wiring or equipment.
WARNING: WHEN USING PUMPS, ALWAYS FOLLOW BASIC SAFETY
PRECAUTIONS TO REDUCE THE RISK OF FIRE, ELECTRIC SHOCK AND
PERSONAL INJURY. READ ALL INSTRUCTIONS BEFORE YOU
OPERATE THIS PUMP AND SAVE THEM FOR FUTURE REFERENCE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com