Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 18 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 18 Page - Clarke International

Back Button PS50 Datasheet HTML 14Page - Clarke International PS50 Datasheet HTML 15Page - Clarke International PS50 Datasheet HTML 16Page - Clarke International PS50 Datasheet HTML 17Page - Clarke International PS50 Datasheet HTML 18Page - Clarke International PS50 Datasheet HTML 19Page - Clarke International PS50 Datasheet HTML 20Page - Clarke International PS50 Datasheet HTML 21Page - Clarke International PS50 Datasheet HTML 22Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TROUBLESHOOTING
PROBLEM
CAUSE
SOLUTION
The engine does
not start.
No fuel in tank.
Add fuel.
Fuel valve is set to OFF
Set the fuel valve to ON.
Engine switch is in the
OFF position.
Set engine switch to the ON
position.
Lack of spark at the
spark plug.
Make sure that the spark plug cover
is fitted on to the plug.
With the engine switch in the ON
position, hold the spark plug
electrode against the engine and pull
the starter cord. If a spark is present
but engine will not start, consult your
CLARKE dealer.
The engine stops
and will not restart.
No fuel in tank.
Add fuel to the tank.
The pump fails to
prime.
Priming chamber not
filled correctly.
Fill priming chamber leaving no air
gap.
Air leaking due to
damaged hose, broken
hose clamps, split/ill-
fitting gasket.
Repair as necessary.
Blocked inlet hose.
Clean strainer and make sure that it
is not submerged in mud or
sediment. Make sure that there are
no kinks in the delivery hose.
Engine speed too low.
Increase engine speed.
Damaged impeller.
Disassemble the pump and replace
the impeller.
Air leaking through
damaged seal.
Replace seal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com