Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 11 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 11 Page - Clarke International

Back Button PS50 Datasheet HTML 7Page - Clarke International PS50 Datasheet HTML 8Page - Clarke International PS50 Datasheet HTML 9Page - Clarke International PS50 Datasheet HTML 10Page - Clarke International PS50 Datasheet HTML 11Page - Clarke International PS50 Datasheet HTML 12Page - Clarke International PS50 Datasheet HTML 13Page - Clarke International PS50 Datasheet HTML 14Page - Clarke International PS50 Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
STARTING THE ENGINE
1. Set the fuel valve to the ON position.
2. To start a cold engine, move the
choke lever to the ‘ON’ position.
• To restart a warm engine, move
the choke lever to the ‘OFF’
position.
3. Move the throttle lever away from
Slow about 1/3 of the way.
4. Set the engine switch to ‘ON’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com