Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 2 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 2 Page - Clarke International

  PS50 Datasheet HTML 1Page - Clarke International PS50 Datasheet HTML 2Page - Clarke International PS50 Datasheet HTML 3Page - Clarke International PS50 Datasheet HTML 4Page - Clarke International PS50 Datasheet HTML 5Page - Clarke International PS50 Datasheet HTML 6Page - Clarke International PS50 Datasheet HTML 7Page - Clarke International PS50 Datasheet HTML 8Page - Clarke International PS50 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for choosing this CLARKE Pump. Before attempting to use this product,
please read this manual thoroughly and follow the instructions carefully. In doing so
you will ensure the safety of yourself and that of others around you, and you can look
forward to your purchase giving you long and satisfactory service.
The function of this pump is to move clean /dirty water (with solids in suspension up
to 15 mm in diameter).
DO NOT use it to pump:
•Sewage
• Dangerous liquids - (Flammable or corrosive)
• Salt water
Before you use this pump read the manual fully.
GUARANTEE
This pump is guaranteed against faulty manufacture for a period of 12 months from
the date of purchase.
Please keep your receipt which will be required as proof of purchase.
This guarantee is invalid if the pump has been abused, tampered with, or not used for
its primary function.
Faulty goods must be returned to their place of purchase, no pump can be returned to
us without prior permission.
This guarantee does not effect your statutory rights.
INVENTORY
You should find the items in the list below in the carton.
Speak to your CLARKE dealer If items are missing or damaged.
1 x Petrol Powered 2" Water Pump
2 x Rubber Sealing Rings
2 x 2" BSP Inlet/outlet fittings
1 x Spark Plug Box Wrench
1 x Plastic x Inlet Strainer (in two pieces)
6 x Hose Clips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com