Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 12 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 12 Page - Clarke International

Back Button PS50 Datasheet HTML 8Page - Clarke International PS50 Datasheet HTML 9Page - Clarke International PS50 Datasheet HTML 10Page - Clarke International PS50 Datasheet HTML 11Page - Clarke International PS50 Datasheet HTML 12Page - Clarke International PS50 Datasheet HTML 13Page - Clarke International PS50 Datasheet HTML 14Page - Clarke International PS50 Datasheet HTML 15Page - Clarke International PS50 Datasheet HTML 16Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
5. Pull the starting handle lightly until
you start to feel resistance. Then pull
up and away suddenly to start the
engine.
NOTE: You might need to do this more
than once.
6. Once the engine has warmed up from a cold start, move the choke lever to the
‘OFF’ position.
SETTING THE ENGINE SPEED
After starting the engine, move the throttle lever to the FAST position for self-priming
and check pump output.
Pump output is controlled by adjusting
engine speed.
• Moving the throttle lever in the
FAST direction will increase pump
output.
• Moving the throttle lever in the
SLOW direction will decrease
pump output.
WARNING: WHEN THE PUMP HAS STARTED, RELEASE THE STARTING
HANDLE SLOWLY TO PREVENT INJURY/DAMAGE AS IT RETURNS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com