Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 13 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 13 Page - Clarke International

Back Button PS50 Datasheet HTML 9Page - Clarke International PS50 Datasheet HTML 10Page - Clarke International PS50 Datasheet HTML 11Page - Clarke International PS50 Datasheet HTML 12Page - Clarke International PS50 Datasheet HTML 13Page - Clarke International PS50 Datasheet HTML 14Page - Clarke International PS50 Datasheet HTML 15Page - Clarke International PS50 Datasheet HTML 16Page - Clarke International PS50 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SHUTTING DOWN THE PUMP
To stop the pump in an emergency, set the engine switch to ‘OFF’.
1. Use the throttle lever to decrease
engine speed to minimum.
2. Set the engine switch to “OFF”.
3. Turn the fuel valve to “OFF”.
AFTER USE
1. Remove the pump drain plug and
drain the pump chamber.
2. Remove the filler cap and flush the
pump chamber with clean, fresh
water.
• Allow the water to drain from the
pump chamber.
3. Reinstall the filler cap and drain plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com