Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 19 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 19 Page - Clarke International

Back Button PS50 Datasheet HTML 15Page - Clarke International PS50 Datasheet HTML 16Page - Clarke International PS50 Datasheet HTML 17Page - Clarke International PS50 Datasheet HTML 18Page - Clarke International PS50 Datasheet HTML 19Page - Clarke International PS50 Datasheet HTML 20Page - Clarke International PS50 Datasheet HTML 21Page - Clarke International PS50 Datasheet HTML 22Page - Clarke International PS50 Datasheet HTML 23Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
If you cannot correct the fault, speak to your local dealer or the CLARKE International
service department.
ENVIRONMENTAL PROTECTION
At the end of its working life, DO NOT discard this pump or its components with
general household waste. Packaging must be taken to a recycling centre and
discarded appropriately.
One of the most dangerous sources of pollution is oil. DO NOT discard used oil with
domestic refuse or flush down a sink or drain. Collect the oil in a leak-proof container
and take it to your local waste disposal site.
Low output from
pump.
The engine speed is too
low.
Increase the engine speed.
Pickup or delivery hose
obstructed.
Clear obstruction and make sure that
there are no kinks in hose.
Suction lift too high.
Set the pump nearer to the water
level.
Congested material
inside pump.
Disassemble the pump and clean out.
Damaged impeller.
Disassemble the pump and replace
the impeller.
PROBLEM
CAUSE
SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com