Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 15 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 15 Page - Clarke International

Back Button PS50 Datasheet HTML 11Page - Clarke International PS50 Datasheet HTML 12Page - Clarke International PS50 Datasheet HTML 13Page - Clarke International PS50 Datasheet HTML 14Page - Clarke International PS50 Datasheet HTML 15Page - Clarke International PS50 Datasheet HTML 16Page - Clarke International PS50 Datasheet HTML 17Page - Clarke International PS50 Datasheet HTML 18Page - Clarke International PS50 Datasheet HTML 19Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
2. Put a oil collection tray below the
drain plug.
3. Unscrew the drain plug and let the
used engine oil drain from the
crankcase into the oil collection tray.
NOTE: Drain the engine oil when the
engine is warm, this will make
sure that the oil flows out
faster.
4. Replace the drain plug.
5. Fill the crankcase with engine oil.
• Fill until the oil touches the threads in the oil fill tube.
• Oil capacity (0.6 L).
• We recommend that you use CLARKE SAE10W30 oil (Part No: 3050845) in
this pump available from your CLARKE dealer.
6. Replace the oil filler cap/dipstick.
ENVIRONMENTAL PROTECTION
One of the most damaging sources of pollution is oil, DO NOT throw away or pour it
down drains. Put it in a leak proof container and take it to your local waste disposal
site.
CHANGING THE SPARK PLUG
Replace the spark plug after the first month or every 50 hours of use.
1. Remove the spark plug cap from the
spark plug.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com