Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 10 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 10 Page - Clarke International

Back Button PS50 Datasheet HTML 6Page - Clarke International PS50 Datasheet HTML 7Page - Clarke International PS50 Datasheet HTML 8Page - Clarke International PS50 Datasheet HTML 9Page - Clarke International PS50 Datasheet HTML 10Page - Clarke International PS50 Datasheet HTML 11Page - Clarke International PS50 Datasheet HTML 12Page - Clarke International PS50 Datasheet HTML 13Page - Clarke International PS50 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
PRIME THE PUMP
The pump must be primed before use.
1. Before starting the engine, remove
the filler cap from the pump chamber.
2. Fill the pump chamber and inlet hose
with water.
NOTE: A foot valve (not supplied)
connected to the lower end of
the inlet hose between the
hose and the strainer will help
to maintain priming,
3. Replace the filler cap and tighten it
securely.
WARNING: WHEN YOU OPERATE THE PUMP, THE EXHAUST MUFFLER
WILL BE VERY HOT.
WARNING: DO NOT OPERATE THE ENGINE IN A CLOSED SPACE,
MAKE SURE THAT THERE IS SUFFICIENT AIRFLOW AROUND THE
PUMP DUE TO HARMFUL EMMISSIONS/ FUMES FROM THE ENGINE.
WARNING: OPERATING THE PUMP DRY WILL DESTROY THE PUMP
SEAL. IF THE PUMP IS OPERATED DRY, STOP THE ENGINE
IMMEDIATELY AND LET THE PUMP COOL BEFORE PRIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com