Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 14 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 14 Page - Clarke International

Back Button PS50 Datasheet HTML 10Page - Clarke International PS50 Datasheet HTML 11Page - Clarke International PS50 Datasheet HTML 12Page - Clarke International PS50 Datasheet HTML 13Page - Clarke International PS50 Datasheet HTML 14Page - Clarke International PS50 Datasheet HTML 15Page - Clarke International PS50 Datasheet HTML 16Page - Clarke International PS50 Datasheet HTML 17Page - Clarke International PS50 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAINTENANCE
CLEARING BLOCKAGES
1. Remove the hoses and adaptors from
the pump.
2. Remove the four bolts shown in the
picture.
3. Remove the front cover.
4. Clear debris and clean the inner parts
using clean water.
5. Replace the front cover and secure
using the four bolts removed in step
2.
CHANGING THE ENGINE OIL
Change the oil in the engine after the first 20 hours use and thereafter every 6
months or 100 running hours.
1. Unscrew and remove the oil filler cap/dipstick.
CAUTION: PROLONGED EXPOSURE TO USED ENGINE OIL IS DANGEROUS,
ALWAYS WASH YOUR HANDS THOROUGHLY AFTER HANDLING USED
ENGINE OIL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com