Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50 Datasheet(PDF) 17 Page - Clarke International

Part # PS50
Description  ENGINE DRIVEN SEMI TRASH 2” PUMP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PS50 Datasheet(HTML) 17 Page - Clarke International

Back Button PS50 Datasheet HTML 13Page - Clarke International PS50 Datasheet HTML 14Page - Clarke International PS50 Datasheet HTML 15Page - Clarke International PS50 Datasheet HTML 16Page - Clarke International PS50 Datasheet HTML 17Page - Clarke International PS50 Datasheet HTML 18Page - Clarke International PS50 Datasheet HTML 19Page - Clarke International PS50 Datasheet HTML 20Page - Clarke International PS50 Datasheet HTML 21Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
4. Once it is dry, Dip in clean engine oil and squeeze out excess oil.
• DO NOT operate the pump without the air cleaner installed as this will
cause premature wear to the engine.
STORAGE
1. Always keep the pump in a dust and damp free environment away from children.
MAINTENANCE RECORD
OIL CHANGE:
____________________________________________________________
____________________________________________________________
____________________________________________________________
____________________________________________________________
SPARK PLUG CHANGE:
____________________________________________________________
____________________________________________________________
____________________________________________________________
____________________________________________________________
AIR FILTER CHANGE:
____________________________________________________________
____________________________________________________________
____________________________________________________________
____________________________________________________________
MISCELLANEOUS:
____________________________________________________________
____________________________________________________________
____________________________________________________________
____________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com