Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 27Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 28Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 29Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 30Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 31Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 32Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 33Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 34Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 139 page
background image
RL78/D1A
2. PIN FUNCTIONS
R01DS0463EJ0120 Rev. 1.20
Page 31 of 135
Mar 31, 2026
Table 2-3. Port Pins for R5F10CLD, R5F10DLD, R5F10DLE (2/2)
Pin Name
I/O
Function
During
Reset
After
Reset
Alternate Function
P60
I/O
Port 6. 2-bit I/O port.
Input of P61 can be set to schmitt 1 input
buffer.
Output of P60 and P61 can be set to
N-ch open-drain output.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
HZ
Input
SCL11/TI20/TO20/INTP1
P61
SDA11/TI21/TO21/INTP3
P70
I/O
Port 7. 6-bit I/O port.
Input of P70 can be set to schmitt 1 input
buffer.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
HZ
Input
CRxD0/LRxD0/INTPLR0/TI03/TO03/TOOLRXDNote
P71
CTxD0/LTxD0/TOOLTXDNote
P72
Ext.: PD
Int.: HZ
ADTRG/SGOA/SEG1
P73
SGO/SGOF/SEG0
P74
SCK01/TI23/TO23/SEG26
P75
PCL/SI01/TI22/TO22/SEG27
P80
I/O
Port 8. 8-bit I/O port.
Input/output can be specified in 1-bit units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: PD
Int.: HZ
Input
SM11/TI01/TO01/SEG32
P81
SM12/TI03/TO03/SEG33
P82
SM13/TI05/TO05/SEG34
P83
SM14/ZPD14/TI07/TO07/SEG35
P84
SM21/TI11/TO11/SEG36
P85
SM22/TI13/TO13/SEG37
P86
SM23/TI15/TO15/SEG38
P87
SM24/ZPD24/TI17/TO17/SEG39
P90
I/O
Port 9. 5-bit I/O port.
Input/output can be specified in
1-bit units.
Use of an on-chip pull-up resistor can be
specified by a software setting.
Ext.: PD
Int.: HZ
Input
TI21/TO21/SEG40
P91
TI23/TO23/SEG41
P92
TI25/TO25/SGOA/SEG42
P93
TI27/TO27/SGO/SGOF/SEG43
P94
TI01/TO01/RTC1HZ/SEG44
P121
I
Port 12. 4-bit Input port.
HZ
Input
X1
P122
X2/EXCLK
P123
XT1
P124
XT2
P137
I
Port 13. 1-bit Input port.
HZ
Input
INTP5
Remark Ext. (external reset): POR reset or pin reset, Int. (internal reset): WDT reset or LVD reset,
PD: Pull down, HZ: High impedance
Note CTxD0 and CRxD0 are not provided for R5F10CLD with no CAN channel.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com