Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 48Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 49Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 50Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 51Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 52Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 53Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 54Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 55Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 52 of 135
Mar 31, 2026
TA = -40 to +85
°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS = 0 V
Parameter
Symbols
Conditions
Typ.
Max.
Unit
Supply current,
halt mode
IDD2 Note 1
High speed
MAIN HALT
Note 3, 4, 5
fCLK = 32 MHz
2.7 V
≤VDD
fHOCO = 32 MHz
1.0
8.1
mA
fHOCO = 4 MHz with PLL
fX = 4 MHz with PLL
fX = 8 MHz with PLL
fCLK = 24 MHz
fHOCO = 24 MHz
0.8
6.9
mA
fHOCO = 4 MHz with PLL
fX = 4 MHz with PLL
fX = 8 MHz with PLL
fCLK = 20 MHz
fX = 20 MHz
0.7
6.0
mA
fCLK = 8 MHz
fHOCO = 8 MHz
0.4
4.3
mA
fX = 8 MHz
fCLK = 4 MHz
fHOCO = 4 MHz
0.35
3.6
mA
fX = 4 MHz
SUB HALT
Note 3, 4, 6
fCLK = fXT
= 32.768 kHz
RTC is stopped
1.0
130
μA
RTC is operated by fXT
= 32.768 kHz
1.2
Supply current,
stop mode
IDD3 Note 2
STOP Note 3, 4
RTC and fXT are stopped
0.4
60
μA
RTC is operated by fXT = 32.768 kHz
0.8
Notes 1.
The common condition for IDD2:
- IDD includes the total current flowing into whole power pins, including the input leakage current flowing
when the level of the input pin is fixed to VDD or VSS.
- The HALT instruction is executed by the program in the code flash.
- The specification shows the stable current during HALT mode.
2.
The common condition for IDD3:
- IDD includes the total current flowing into whole power pins, including the input leakage current flowing
when the level of the input pin is fixed to VDD or VSS.
- The STOP instruction is executed by the program in the code flash during MAIN RUN operation.
- The spec shows the stable current during STOP mode.
3.
The typical value is that when TA = +25
°C and VDD = 5.0 V. Peripheral devices and the data flash are
stopped.
4.
The maximum value is that when all peripheral devices are operating. But the A/D converter, LCD circuit,
stepper motor circuit, the data flash and the code flash are stopped. The 16-bit wakeup timer operates with
fLOCO.
5. Either fX or fHOCO which is selected for fCLK is operated. The other is stopped.
6. fX and fHOCO are stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com