Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 42Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 43Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 44Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 45Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 46Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 47Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 48Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 49Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 139 page
background image
RL78/D1A
2. PIN FUNCTIONS
R01DS0463EJ0120 Rev. 1.20
Page 46 of 135
Mar 31, 2026
(6/6)
Function
Name
I/O
Function
48-pin
64-pin
80-pin
100-pin
128-pin
R5F10CGx/
R5F10DGx
R5F10CLx/
R5F10DLx
R5F10CMx/
R5F10DMx
R5F10TPx/
R5F10DPx
R5F10DSx
EXCLK
Input
External clock input for main
system clock
8
12
16
19
122
X1
Resonator connection for
main system clock
9
13
17
20
123
X2
8
12
16
19
122
XT1
Resonator connection for sub
clock
–
10
14
17
120
XT2
–
9
13
16
119
RESET
____________
Input
External system reset input
6
8
12
15
118
TOOLRxD
Input
UART reception pin for the
external device connection
used during flash memory
programming
–
7
11
13
116
TOOLTxD
Output UART transmission pin for the
external device connection
used during flash memory
programming
–
6
10
12
115
TOOL0
Input/
output
Data I/O for flash memory
programmer/debugger
5
5
9
11
114
REGC
Connecting regulator output
stabilization capacitance for
internal operation.
Connect to VSS via a
capacitor (0.47 to 1 μF).
10
14
18
21
124
VDD
Power supply for P20 to P27,
P150, P137, P121 to P124,
RESET
12
16
20
24
127
EVDD,
EVDD0,
EVDD1
Power supply for
P00 to P07, P10 to P17,
P30 to P37, P50 to P57,
P60 to P66, P70 to P75,
P130 to P136 and P140
12
16
20
25, 33
8, 128
SMVDD,
SMVDD0,
SMVDD1
Power supply for P80 to P87,
P90 to P97
43
59
66, 76
81, 91
74, 84
VSS
Ground potential for
P20-P27, P150, P137,
P121 to P124, RESET
11
15
19
22
125
EVSS,
EVSS0,
EVSS1
Ground potential for
P00 to P07, P10 to P17,
P30 to P37, P50 to P57,
P60 to P66, P70 to P75,
P130 to P136 and P140
11
15
19
23, 34
9, 126
SMVSS,
SMVSS0,
SMVSS1
Ground potential for
P80 to P87, P90 to P97
42
58
65, 75
80, 90
73, 83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com