Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 65Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 66Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 67Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 68Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 69Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 70Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 71Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 72Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 69 of 135
Mar 31, 2026
3.4.4 Pin group 4 (OSC, reset and P137 pins)
TA = -40 to +85
°C, 4.0 V ≤ VDD ≤ 5.5 V, VSS = 0 V
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Input voltage, high
VIH1
P121, P122, P123, P124
(Port or EXCLK Note 1)
0.8VDD
VDD
V
VIH2
RESET
____________
0.65VDD
VDD
V
VIH3
P137
0.8VDD
VDD
V
Input voltage, low
VIL1
P121, P122, P123, P124
(Port or EXCLK Note 1)
0
0.2VDD
V
VIL2
RESET
____________
0
0.35VDD
V
VIL3
P137
0
0.5VDD
V
Input hysteresis width
Note 2
VIHYS1
P121, P122, P123, P124
(Port or EXCLK Note 1)
0.1
0.7
V
VIHYS2
RESET
____________
0.15
0.59
0.84
V
Input leakage current,
high
ILIH1
P121, P122, P123, P124
VI = VDD
Port
1
μA
EXCLK Note 1
1
μA
OSC
10
μA
ILIH2
RESET
____________
, VI = VDD
1
μA
ILIH3
P137, VI = VDD
1
μA
Input leakage current,
low
ILIL1
P121, P122, P123, P124
VI = VSS
Port
-1
μA
EXCLK Note 1
-1
μA
OSC
-10
μA
ILIL2
RESET
____________
, VI = VSS
-1
μA
ILIL3
P137, VI = VSS
-1
μA
Notes 1.
P122 (EXCLK) only.
2.
This speccification is guaranteed by design. It is not tested when shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com