Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 57Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 58Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 59Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 60Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 61Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 62Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 63Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 64Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 61 of 135
Mar 31, 2026
TA = -40 to +85
°C, 2.7 V ≤ EVDD0 = EVDD1 ≤ 4.0 V, EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS = 0 V (2/2)
Parameter
Symbols
Conditions
Min.
Typ.
Max.
Unit
Input voltage, high Note 2
VIH1
Schmitt3 mode
0.8EVDD
EVDD
V
VIH2
Schmitt1 modeNote 3
0.7EVDD
EVDD
V
Input voltage, low Note 2
VIL1
Schmitt3 mode
0
0.4EVDD
V
VIL2
Schmitt1 modeNote 3
0
0.3EVDD
V
Input hysterisis width
Note 2, 4
VIHYS1
Schmitt3 mode
0.05
0.21
V
VIHYS2
Schmitt1 mode Note 3
0.08
0.53
V
Output voltage, high Note 1
VOH1
IOH = -1.0 mA
EVDD-0.5
EVDD
V
VOH2
IOH = -7.5 mA, P73 or P135 (SG port)
EVDD-0.7
EVDD
V
Output voltage, low
VOL1
IOL = 1.5 mA
0
0.5
V
VOL2
IOL= 7.0 mA, P73 or P135 (SG port)
0
0.7
V
Input leakage current,
high
ILIH1
VI = EVDD
1
μA
Input leakage current,
low
ILIL1
VI = EVSS
-1
μA
On chip pull-up
resistance Note 5
RU
VI = EVSS
10
20
100
k
Ω
On chip pull-down
resistance Note 6
RD
VI = EVDD
100
k
Ω
Notes 1.
When P60 or P61 is set to Nch open drain mode, it does not drive high level output.
2.
Except P130 because it is output only port.
3.
P01, P10, P11, P17, P31, P40, P50 to P52, P55 to P57, P61, P63, P70, P110 to P117, P135 only.
4.
This value is defined by evaluation result.
5.
Except P130 and P137. Pull-up resistance is connected by software when pin is set to input mode.
6.
LCD segment shared pins only. Pull-down resistance is connected during reset.
Caution Different voltage between EVDD and VDD is allowed only when LCDM register is initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com