Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 79Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 80Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 81Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 82Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 83Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 84Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 85Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 86Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 83 of 135
Mar 31, 2026
3.6 LCD characteristics
TA = -40 to +85
°C, 3.2 V ≤ EVDD0 = EVDD1 = SMVDD0 = SMVDD1 = VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = SMVSS0 = SMVSS1 = 0 V
Items
Symbols
Conditions
MIN.
TYP.
MAX.
Unit
LCD division
resistance Note 1
RLCD
3
k
Ω
LCD Segment output
voltage (unloaded)
VODS
IO =
±1 μA
VLCDn-0.05
VLCDn
Note 2
VLCDn+0.05
V
LCD Common output
voltage (unloaded)
VODC
IO =
±1 μA
VLCDn-0.05
VLCDn
VLCDn+0.05
V
LCD Segment
Output Voltage
(loaded)
VODSL0
IO =
±10 μA, all segment
pins at same time
VLCD0-0.6
VLCD0
VLCD0+0.6
V
VODSL1
IO =
±10 μA, all segment
pins at same time
VLCD1-0.6
VLCD1
VLCD1+0.6
V
VODSL2
IO =
±10 μA, all segment
pins at same time
VLCD2-0.6
VLCD2
VLCD2+0.6
V
VODSL3
IO =
±10 μA, all segment
pins at same time
VLCD3-0.6
VLCD3
VLCD3+0.6
V
LCD Common Output
Voltage (loaded)
VODCL0
IO =
±40 μA, single pin
VLCD0-0.2
VLCD0
VLCD0+0.2
V
VODCL1
IO =
±40 μA, single pin
VLCD1-0.2
VLCD1
VLCD1+0.2
V
VODCL2
IO =
±40 μA, single pin
VLCD2-0.2
VLCD2
VLCD2+0.2
V
VODCL3
IO =
±40 μA, single pin
VLCD3-0.2
VLCD3
VLCD3+0.2
V
LCD split voltage drive
capability Note 1
VLC0
IO = ±530
μA
VLCD0-0.1
VLCD0
VLCD0+0.1
V
VLC1
IO = ±530
μA
VLCD1-0.1
VLCD1
VLCD1+0.1
V
VLC2
IO = ±530
μA
VLCD2-0.1
VLCD2
VLCD2+0.1
V
VLC3
IO = ±530
μA
VLCD3-0.1
VLCD3
VLCD3+0.1
V
LCD output resistance
(COM) Note 3
RODC
8
k
Ω
LCD output resistance
(SEG) Note 3
RODS
8
k
Ω
Notes 1.
Only internal connection. The vaule is design specification.
2.
VLCDn (n= 0..3) represents one of the four possible voltage levels at the LCD pins. See table below for
reference.
VLCDn
no step-down transforming
step-down transforming
VLCD0
VDD
3/5 VDD
VLCD1
2/3 VDD
2/5 VDD
VLCD2
1/3 VDD
1/5 VDD
VLCD3
VSS
VSS
3.
RODC is internal equivalent weight resistance from COM pin + COM IOBUF resistance.
RODS is internal equivalent weight resistance from SEG pin +SEG IOBUF resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com