Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 52Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 53Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 54Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 55Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 56Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 57Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 58Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 59Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 56 of 135
Mar 31, 2026
TA = -40 to +85
°C, 2.7 V ≤ VDD ≤ 5.5 V, VSS = 0 V
Parameter
Symbols
Conditions
Typ.
Max.
Unit
WDT operating
current Note 1
IWDT
0.25
1.0
μA
ADC operating
current Note 2
IADC
Normal mode
VDD = 5.0 V
1.3
1.7
mA
Low voltage mode
VDD = 3.0 V
0.5
0.7
mA
LCD operating
Current Note 3
ILCD
fLCD = fSUB,
LCD clock = 512 Hz
VDD = 5.0 V
100
140
μA
VDD = 3.0 V
90
130
μA
ZPD operating
current Note 4
IZPD
One ZPD operated
VDD = 5.0 V
150
600
μA
VDD = 3.0 V
100
500
μA
Four ZPDs operated
VDD = 5.0 V
500
2000
μA
VDD = 3.0 V
400
1600
μA
Notes
1. Current flowing only to the watchdog timer. The maximum specification of IDD1, IDD2 and IDD3 include IWDT.
2. Current flowing only to the A/D converter. The current value of the RL78/D1A is the sum of IDD and IADC
when the A/D converter operates.
3. Current flowing only to the LCD controller/driver circuit. The current value of the RL78/D1A is the sum of IDD
and ILCD when the LCD controller/driver circuit operates.
4. Current flowing only to the ZPD circuit. The current value of the RL78/D1A is the sum of IDD and IZPD when
the ZPD circuit operates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com