Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 19Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 20Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 21Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 22Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 23Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 24Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 25Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 26Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 139 page
background image
RL78/D1A
1. OUTLINE
R01DS0463EJ0120 Rev. 1.20
Page 23 of 135
Mar 31, 2026
1.7 Outline of Functions
(1/4)
Item
48-pin
64-pin
80-pin
ROM
RAM
ROM/
RAM
capacities
512 KB
24 KB
384 KB
20 KB
256 KB
16 KB
√
128 KB
8 KB
√
96 KB
6 KB
√
64 KB
4 KB
√
√
√
√
48 KB
3 KB
√
√
√
√
√
√
32 KB
2 KB
√
√
24 KB
2 KB
√
Data flash memory
8 KB
Memory space
1 MB
General-purpose register
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Main
System
clock
High-speed system
clock
1 to 20 MHz (VDD = 2.7 V to 5.5 V)
High-speed on-chip
oscillation clock
4/8/16/24/32 MHz (TA = -40 to 85
°C)
4/8/16/24 MHz (TA = -40 to 105
°C)
PLL
4 MHz
× 16/2 = 32 MHz, 8 MHz × 16/4 = 32 MHz (TA = -40 to 85 °C)
4 MHz
× 12/2 = 24 MHz, 8 MHz × 12/4 = 24 MHz (TA = -40 to 105 °C)
Subsystem clock
32.768 kHz
Low-speed on-chip oscillation clock
15 kHz
Minimum instruction execution time
0.03125
μs (Main system clock 32 MHz TA = -40 to +85 °C)
0.04167
μs (Main system clock 24 MHz TA = -40 to 105 °C)
30.5
μs (Subsystem clock 32.768 kHz operation)
Instruction set
• 8-bit operation,16-bit operation
• Multiplication (8 bits × 8 bits)
• Bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total number of port
38
54
68
CMOS I/O port
35
49
63
N-ch open-drain
Selectable port
4
LED direct drive port
9
13
16
CMOS input port
3
5
CMOS output port
0
Timer
16-bit timer
8 ch
× 3 units
Real-time clock (RTC)
1 ch
Interval timer
1 ch
Watchdog timer (WDT)
1 ch
Timer output
19
21
24
RTC output
1
Clock output/buzzer output
1
10-bit resolution A/D converter
3+2
6+2
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com