Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10CMDCLFB Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R5F10CMDCLFB
Description  RENESAS MCU
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10CMDCLFB Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R5F10CMDCLFB Datasheet HTML 69Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 70Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 71Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 72Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 73Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 74Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 75Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 76Page - Renesas Technology Corp R5F10CMDCLFB Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 139 page
background image
RL78/D1A
3. ELECTRICAL SPECIFICATIONS (J GRADE PRODUCT)
R01DS0463EJ0120 Rev. 1.20
Page 73 of 135
Mar 31, 2026
3.5.2 Stepper motor controller/driver
TA = -40 to +85
°C,
2.7 V
≤ SMVDD0 = SMVDD1 = VDD ≤ 5.5 V, VSS = SMVSS0 = SMVSS1 = 0 V
Items
Symbols
Conditions
MIN.
TYP.
MAX.
Unit
Meter Controller/Driver
input frequency
fMCNote 1
32
MHz
PWM output rise time
tR
10%-90%Note 2
4.0 V
≤ SMVDD ≤ 5.5 V
15
60
100
ns
2.7 V
≤ SMVDD ≤ 4.0 V
20
500
ns
PWM output fall time
tF
10%-90%Note 2
4.0 V
≤ SMVDD ≤ 5.5 V
15
60
100
ns
2.7 V
≤ SMVDD ≤ 4.0 V
20
500
ns
Peak Cross CurrentNote
3
ICROSS
50
ns
Output Pulse WidthNote 4
tMO
4.0 V
≤SMVDD≤5.5 V
250
ns
2.7 V
≤SMVDD≤5.5 V
5000
ns
Output Pulse
Length DeviationNote 5
tSMDEV
4.0 V
≤SMVDD≤5.5 V
-65
-12
+10
ns
2.7 V
≤SMVDD≤5.5 V
-100
+400
ns
Symmetry
performanceNote 6
ΔHSPmn
IOH = -32 mA
ΔHSPmn =
| VOH [(SMmn) max -
(SMmn) min] |
2.7 V
≤ SMVDD ≤ 5.5 V
50
mV
ΔHSPmn
IOL = 32 mA
ΔHSPmn =
| VOL [(SMmn) max -
(SMmn) min] |
4.0 V
≤ SMVDD ≤ 5.5 V
50
mV
2.7 V
≤ SMVDD ≤ 5.5 V
100
mV
Notes 1.
Source clock of the free-running counter.
2.
tR, tF is not tested in production, specified by design.
3.
The slew rate control generates a cross current in the output stage to control the energy of the external
inductive load. The cross current flows only during the output transition time tR, tF. It flows in addtion to the
output current. The cross current is not tested, but derived from simulation.
4.
The output buffer can not generate high or low pulses shorter than this time, because of its slew rate
control system. This value is not tested, but derived from simulation.
5.
The slew rate control function causes a deviation of output pulse time compared to the ideal selected
output pulse setting. This value is not tested, but derived from simulation.
6.
Indicates the dispersion of 16 PWM output voltages. (4 buffers’ output voltage differences in the state of IOH
(IOL) at the same time.) Not tested in production, specified by design.
Remark m = 1 to 4, n = 1 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com